Part Number Hot Search : 
FQA30N40 LTC38 R1601 LLA219 20N6T EMG29DX MC504 ANTX2N6
Product Description
Full Text Search
 

To Download OM4202SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OM4202SC/RC/DC
HERMETIC TO-258AA DUAL POWER SCHOTTKY RECTIFIER
30 Amp, 45 Volt Rating Center-Tap Rectifier
FEATURES
* * * * * * * * * Very Low Forward Voltage Low Recovery Charge Rugged Package Design, (JEDEC TO-258AA) High Efficiency For Low Voltage Supplies 45V Blocking @ Rated Tjmax 50V Repetitive Surge Voltage Dual Schottky Rectifier In A Single Isolated Package Available Non-Isolated (OM4202NC); Common Cathode Only Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
The OM4202SC has two Schottky diodes arranged in a common cathode configuration and is ideally suited for a full wave output rectifier in low voltage switching power supplies where small size and high reliablity are required. Common anode and doubler configurations also available. Peak Inverse Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45 V Maximum Average D.C. Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 A Peak Surge Current (Non-Repetitive, 8.3mS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150 A Peak Reverse Transient Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0 A Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 55 C to + 175 C Junction OperatingTemperature Range . . . . . . . . . . . . . . . . . . . . . . . - 55 C to + 150 C Package Thermal Resistance, Junction-to-Case . . . . . . . . . . . . . . . . . . . . . . . . 2.0 C/W
ABSOLUTE MAXIMUM RATINGS (TC = 25C) Per Diode
3.2
SCHEMATIC
1 2 COMMON ANODE 1 2
OMXXXXDC Common cathode is standard. Contact the factory for performance characteristics for common anode and doubler. Z-Tab package also available.
4 11 R4 Supersedes 1 07 R3
1
2 COMMON CATHODE
OMXXXXSC
3
OMXXXXRC
3 3 DOUBLER
3.2 - 17
OM4202SC/RC/DC
ELECTRICAL CHARACTERISTICS (TC = 25 C) (Per Diode)
Characteristic Maximum Instantaneous Forward Voltage (1) IF = 10A, TC = 25C IF = 15A, TC = 25C IF = 15A, TC = 125C Maximum Instantaneous Reverse Current (1) TC = 25C, VR = VRWM TC = 125C Capacitance VR = 5.0 V
(1) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
Symbol VF
Max. 0.57 0.64 0.58
Unit Volts
IR 1.0 50 Ct 800
mA
pf
TYPICAL FORWARD VOLTAGE
50
TYPICAL REVERSE CURRENT
TJ = 150C IR - REVERSE CURRENT (mA)
10
100C IF - INSTANTANEIOUS FORWARD CURRENT (AMPS)
20 10
TJ = 125C
150C
5 3
1
TJ = 100C
175C
1
TJ = 25C
0.1
TJ = 25C
0.01 20 40 60 80 100 120
0.5 0 0 0.1 0.1
F
0.2 0.2 0.3
0.5 0.3
0.5 0.4
0.6 0.5
0.7 0.6 0.8
0.9 0.7
1 0.8
V - INSTANTANEOUS VOLTAGE (VOLTS)
VR -REVERSE VOLTAGE (VOLTS)
3.2
.165 .155
MECHANICAL OUTLINE
.695 .685 .270 .240 .045 .035
PIN CONNECTION
.835 .815 .707 .697 .550 .530
1 2 3
.092 MAX. .750 .500 .065 .055 .140 TYP. .005
.200 TYP.
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246


▲Up To Search▲   

 
Price & Availability of OM4202SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X